công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7347 bảng dữ liệu(PDF) 27 Page - PMC-Sierra, Inc

tên linh kiện PM7347
Giải thích chi tiết về linh kiện  SATURN USER NETWORK INTERFACE for J2/E3/T3
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7347 bảng dữ liệu(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM7347 Datasheet HTML 23Page - PMC-Sierra, Inc PM7347 Datasheet HTML 24Page - PMC-Sierra, Inc PM7347 Datasheet HTML 25Page - PMC-Sierra, Inc PM7347 Datasheet HTML 26Page - PMC-Sierra, Inc PM7347 Datasheet HTML 27Page - PMC-Sierra, Inc PM7347 Datasheet HTML 28Page - PMC-Sierra, Inc PM7347 Datasheet HTML 29Page - PMC-Sierra, Inc PM7347 Datasheet HTML 30Page - PMC-Sierra, Inc PM7347 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 341 page
background image
S/UNI®-JET Data Sheet
Released
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
27
Document ID: PMC-1990267, Issue 3
Figure 2 S/UNI-JET Operating as a Framer Device in Frame Relay Equipment
In an unchannelized J2/E3/T3 line card, the S/UNI-JET directly connects to one PM7366
FREEDM-8 HDLC controller. Each FREEDM-8 can process two high-speed links such as T3 and
E3, or can process up to eight lower speed links such as J2. The S/UNI-JET gaps all the overhead
bits so that only the payload data is passed to and from FREEDM-8. On the line side, the S/UNI-
JET is connected to one J2/E3/T3 line interface unit. On the system side, the S/UNI-JET
interfaces with a data link device over a serial bit interface.
8 Port Channelized T1 Card
PM4314
QDSX
PM4388
TOCTL
PM7366
FREEDM-8
28 Port Unchannelized T1 Card (M13)
DS-3
LIU
PM8313
D3MX
PM4388
TOCTL
PM7364
FREEDM-
32
4 Port Channelized E1 Card
PM4314
QDSX
PM6344
EQUAD
PM7366
FREEDM-8
IP Switch/Router Core
Switch
Fabric
Processor
Packet
Memory
Unchannelized J2/E3/T3 Card
J2/E3/T3
LIU
PM7366
FREEDM-8
PM7347
S/UNI-
JET
Access Side
Uplink Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com