công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7549 bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp

tên linh kiện 7549
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7549 bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp

Back Button 7549 Datasheet HTML 24Page - Renesas Technology Corp 7549 Datasheet HTML 25Page - Renesas Technology Corp 7549 Datasheet HTML 26Page - Renesas Technology Corp 7549 Datasheet HTML 27Page - Renesas Technology Corp 7549 Datasheet HTML 28Page - Renesas Technology Corp 7549 Datasheet HTML 29Page - Renesas Technology Corp 7549 Datasheet HTML 30Page - Renesas Technology Corp 7549 Datasheet HTML 31Page - Renesas Technology Corp 7549 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 28 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 30. Structure of compare output mode register
Fig 31. Structure of capture/compare status register
Fig 32. Structure of compare interrupt source register
b7
b0
Compare output mode register
(CMOM: address 001316, initial value: 0016)
Compare 0 output level latch
0: Positive
1: Negative
Compare 1 output level latch
0: Positive
1: Negative
Compare 2 output level latch
0: Positive
1: Negative
Compare 0 trigger enable bit
0: Disabled
1: Enabled
Compare 1 trigger enable bit
0: Disabled
1: Enabled
Compare 2 trigger enable bit
0: Disabled
1: Enabled
Not used (returns “0” when read)
b7
b0
Capture/Compare status register
(CCSR: address 002F16, initial value: 0016)
Compare 0 output status bit
0: “L” level output
1: “H” level output
Compare 1 output status bit
0: “L” level output
1: “H” level output
Compare 2 output status bit
0: “L” level output
1: “H” level output
Capture 0 status bit
0: latch 00 captured
1: latch 01 captured
Not used (returns “0” when read)
b7
b0
Compare interrupt source register
(CISR: address 003016, initial value: 0016)
Compare latch 00 interrupt source bit
Compare latch 01 interrupt source bit
Compare latch 10 interrupt source bit
Compare latch 11 interrupt source bit
Compare latch 20 interrupt source bit
Compare latch 21 interrupt source bit
Not used (returns “0” when read)
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73