công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4571 bảng dữ liệu(PDF) 100 Page - Renesas Technology Corp

tên linh kiện 4571
Giải thích chi tiết về linh kiện  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 bảng dữ liệu(HTML) 100 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 96Page - Renesas Technology Corp 4571 Datasheet HTML 97Page - Renesas Technology Corp 4571 Datasheet HTML 98Page - Renesas Technology Corp 4571 Datasheet HTML 99Page - Renesas Technology Corp 4571 Datasheet HTML 100Page - Renesas Technology Corp 4571 Datasheet HTML 101Page - Renesas Technology Corp 4571 Datasheet HTML 102Page - Renesas Technology Corp 4571 Datasheet HTML 103Page - Renesas Technology Corp 4571 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
Rev.1.02
May 25, 2007
Page 100 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TR1AB
(Transfer data to register R1 from Accumulator and register B)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
011
11
11 2 23 F 16
11
-
-
Opera-
tion:
(R17
−R14) ← (B)
(R13
−R10) ← (A)
Grouping:
Input/Output operation
Description: Transfers the contents of register B to the high-order 4 bits
(R17
−R14) of reload register R1, and the contents of regis-
ter A to the low-order 4 bits (R13
−R10) of reload register
R1.
TV1A
(Transfer data to register V1 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
11
11 2 03 F 16
11
-
-
Opera-
tion:
(V1)
← (A)
Grouping:
Interrupt operation
Description: Transfers the contents of register A to interrupt control reg-
ister V1.
TV2A
(Transfer data to register V2 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
11
10 2 03 E 16
11
-
-
Opera-
tion:
(V2)
← (A)
Grouping:
Interrupt operation
Description: Transfers the contents of register A to interrupt control reg-
ister V2.
TW1A
(Transfer data to register W1 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
000
11
10 2 20 E 16
11
-
-
Opera-
tion:
(W1)
← (A)
Grouping:
Timer operation
Description: Transfers the contents of register A to timer control register
W1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com