| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4571 bảng dữ liệu(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 bảng dữ liệu(HTML) 77 Page - Renesas Technology Corp |
|
77 / 126 page ![]() Rev.1.02 May 25, 2007 Page 77 of 124 REJ03B0179-0102 4571 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) LXY x,y (Load register X and Y with x and y) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 11 x3 x2 x1 x0 y3 y2 y1 y0 2 3x y 16 11 - Continuous description Opera- tion: (X) ← x x = 0 to 15 (Y) ← y y = 0 to 15 Grouping: RAM addresses Description: Loads the value x in the immediate field to register X, and the value y in the immediate field to register Y. When the LXY instructions are continuously coded and executed, only the first LXY instruction is executed and other LXY instructions coded continuously are skipped. LZ z (Load register Z with z) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 100 10 Z1 Z0 2 04 8 +z 16 1 1 - - Opera- tion: (Z) ← z z = 0 to 3 Grouping: RAM addresses Description: Loads the value z in the immediate field to register Z. NOP (No OPeration) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 00 00 2 00 0 16 11 - - Opera- tion: (PC) ← (PC) + 1 Grouping: Other operation Description: No operation; Adds 1 to program counter value, and others remain unchanged. OP0A (Output port P0 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 010 00 00 2 22 0 16 11 - - Opera- tion: (P0) ← (A) Grouping: Input/Output operation Description: Outputs the contents of register A to port P0. |