| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4571 bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp |
|
73 / 126 page ![]() Rev.1.02 May 25, 2007 Page 73 of 124 REJ03B0179-0102 4571 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) BML p,a (Branch and Mark Long to address a in page p) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 00 11 0 p4 p3 p2 p1 p0 2 0 c + p p 16 22 - - 1p6 p5 a6 a5 a4 a3 a2 a1 a0 2 2a a 16 Grouping: Subroutine call operation Description: Call the subroutine : Calls the subroutine at address a in page p. Note: M34571G4 : p = 0 to 31 M34571G6 : p = 0 to 47 M34571GD : p = 0 to 127 Be careful not to over the stack because the maximum level of subroutine nesting is 8. Opera- tion: (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← p (PCL) ← a6−a0 BMLA p (Branch and Mark Long to address (D)+(A) in page p) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 011 00 00 2 03 0 16 22 - - 1p6 p5 p4 00 p3 p2 p1 p0 2 2p p 16 Grouping: Subroutine call operation Description: Call the subroutine : Calls the subroutine at address (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by registers D and A in page p. Note: M34571G4 : p = 0 to 31 M34571G6 : p = 0 to 47 M34571GD : p = 0 to 127 Be careful not to over the stack because the maximum level of subroutine nesting is 8. Opera- tion: (SP) ← (SP) + 1 (SK(SP)) ← (PC) (PCH) ← p (PCL) ← (DR2−DR0, A3−A0) CLD (CLear port D) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 001 00 01 2 01 1 16 11 - - Opera- tion: (D) ← (1) Grouping: Input/Output operation Description: Sets (1) to port D. CMA (CoMplement of Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 001 11 00 2 01 C 16 11 - - Opera- tion: (A) ←(A) Grouping: Arithmetic operation Description: Stores the one’s complement for register A’s contents in register A. |