| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4571 bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp |
|
53 / 126 page ![]() Rev.1.02 May 25, 2007 Page 53 of 124 REJ03B0179-0102 4571 Group Fig 54. When using programmer of Suisei Electronics System Co., LTD, connection example 4571 Group T_VDD T_VPP T_RXD T_SCLK T_PGM/OE/MD T_RESET GND RESET circuit Either connect an oscillation circuit or connect XIN pin to VSS and leave the XOUT pin open. VDD K P01 (SDA) P00 (SCLK) P10 (PGM) RESET Vss XIN XOUT Note: For the programming circuit, the wiring capacity of each signal pin must not exceed 47 pF. T_BUSY T_TXD 1 k Ω N.C. |