| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4571 bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp |
|
95 / 126 page ![]() Rev.1.02 May 25, 2007 Page 95 of 124 REJ03B0179-0102 4571 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) TAY (Transfer data to Accumulator from register Y) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 001 11 11 2 01 F 16 11 - - Opera- tion: (A) ← (Y) Grouping: Register to register transfer Description: Transfers the contents of register Y to register A. TAZ (Transfer data to Accumulator from register Z) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 101 00 11 2 05 3 16 11 - - Opera- tion: (A1, A0) ← (Z1, Z0) (A3, A2) ← 0 Grouping: Register to register transfer Description: Transfers the contents of register Z to the low-order 2 bits (A1, A0) of register A. “0” is stored to the high-order 2 bits (A3, A2) of register A. TBA (Transfer data to register B from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 11 10 2 00 E 16 11 - - Opera- tion: (B) ← (A) Grouping: Register to register transfer Description: Transfers the contents of register A to register B. TDA (Transfer data to register D from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 010 10 01 2 02 9 16 11 - - Opera- tion: (DR2 −DR0) ← (A2−A0) Grouping: Register to register transfer Description: Transfers the contents of the low-order 3 bits (A2 −A0) of register A to register D. |