công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9141 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA9141
Giải thích chi tiết về linh kiện  PAL/NTSC/SECAM decoder/sync processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9141 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA9141 Datasheet HTML 1Page - NXP Semiconductors TDA9141 Datasheet HTML 2Page - NXP Semiconductors TDA9141 Datasheet HTML 3Page - NXP Semiconductors TDA9141 Datasheet HTML 4Page - NXP Semiconductors TDA9141 Datasheet HTML 5Page - NXP Semiconductors TDA9141 Datasheet HTML 6Page - NXP Semiconductors TDA9141 Datasheet HTML 7Page - NXP Semiconductors TDA9141 Datasheet HTML 8Page - NXP Semiconductors TDA9141 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
December 1992
2
Philips Semiconductors
Product specification
PAL/NTSC/SECAM decoder/sync processor
TDA9141
FEATURES
• Multistandard PAL, NTSC and SECAM
• I2C-bus controlled
• I2C-bus addresses can be selected by hardware
• Alignment free
• Few external components
• Designed for use with baseband delay lines
• Integrated video filters
• CVBS or YC input with automatic detection
• CVBS output
• Vertical divider system
• Two-level sandcastle signal
• VA synchronization pulse (3-state)
• HA synchronization pulse or clamping pulse CLP
input/output
• Line-locked clock output or stand-alone I2C-bus output
port
• Stand-alone I2C-bus input/output port
• Colour matrix and fast YUV switch
• Comb filter enable input/output with subcarrier
frequency.
GENERAL DESCRIPTION
The TDA9141 is an I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor. The
TDA9141 has been designed for use with baseband
chrominance delay lines, and has a combined subcarrier
frequency/comb filter enable signal for communication
with a PAL comb filter.
The IC can process CVBS signals and Y/C input signals.
The input signal is available on an output pin, in the event
of a Y/C signal, it is added into a CVBS signal.
The sync processor provides a two-level sandcastle, a
horizontal pulse (CLP or HA pulse, bus selectable) and a
vertical (VA) pulse. When the HA pulse is selected a
line-locked clock (LLC) signal is available at the output port
pin.
A fast switch can select either the internal Y signal with the
UV input signals, or YUV signals made of the RGB input
signals. The RGB input signals can be clamped with either
the internal or an external clamping signal (search tuning
mode).
Two pins with an input/output port and an output port of the
I2C-bus are available.
The I2C-bus address of the TDA9141 is hardware
programmable.
ORDERING INFORMATION
Note
1. SOT232-1; 1996 December 4.
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9141
32
SDIL
plastic
SOT232(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com