công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9141 bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện TDA9141
Giải thích chi tiết về linh kiện  PAL/NTSC/SECAM decoder/sync processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9141 bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button TDA9141 Datasheet HTML 13Page - NXP Semiconductors TDA9141 Datasheet HTML 14Page - NXP Semiconductors TDA9141 Datasheet HTML 15Page - NXP Semiconductors TDA9141 Datasheet HTML 16Page - NXP Semiconductors TDA9141 Datasheet HTML 17Page - NXP Semiconductors TDA9141 Datasheet HTML 18Page - NXP Semiconductors TDA9141 Datasheet HTML 19Page - NXP Semiconductors TDA9141 Datasheet HTML 20Page - NXP Semiconductors TDA9141 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
December 1992
17
Philips Semiconductors
Product specification
PAL/NTSC/SECAM decoder/sync processor
TDA9141
Isink
minimum sink current to force output
to comb disable level
0.4
2.0
mA
RGND
value of grounded resistor to force output
to comb disable level
0.4
2.0
k
ACC
ACC control range
−20
+5
dB
change of
−(R−Y) and −(B−Y) signals over
ACC range
−−
1dB
colour killer threshold
PAL/NTSC
−−25
dB
SECAM
−−23
dB
kill - unkill hysteresis
3
dB
Demodulators
−(R−Y) and −(B−Y) outputs (pins 1 and 2)
ratio of
−(R−Y) and −(B−Y) signals
standard colour bar
1.20
1.27
1.34
TC
temperature coefficient of
−(R−Y) and
−(B−Y) amplitude
tbf
Hz/K
spread of
−(R−Y) and −(B−Y) ratio between
standards
−1
+1
dB
V1
output level of
−(R−Y) during blanking
2.0
V
V2
output level of
−(B−Y) during blanking
2.0
V
B
−3 dB bandwidth
1
MHz
ZO
output impedance
−−
500
Vdep
supply voltage dependency
tbf
V
PAL/NTSC DEMODULATOR
V1(p-p)
−(R−Y) output voltage (peak-to-peak value) standard colour bar
470
525
585
mV
V2(p-p)
−(B−Y) output voltage (peak-to-peak value) standard colour bar
595
665
740
mV
α
crosstalk between
−(R−Y) and −(B−Y)
tbf
dB
V1,2(p-p)
8.8 MHz residue (peak-to-peak value)
both outputs
−−
15
mV
V1,2(p-p)
7.2 MHz residue (peak-to-peak value)
both outputs
−−
20
mV
PAL DEMODULATOR
VR(p-p)
H/2 ripple (peak-to-peak value)
−−
50
mV
S/N
signal-to-noise ratio
46
−−
dB
NTSC DEMODULATOR
ϕ
hue phase shift
−±45
deg
SECAM DEMODULATOR
V1(p-p)
−(R−Y) output voltage (peak-to-peak value) standard colour bar
0.94
1.05
1.17
V
V2(p-p)
−(B−Y) output voltage (peak-to-peak value) standard colour bar
1.19
1.33
1.48
V
fos
black level offset
−−
7
kHz
S/N
signal-to-noise ratio
43
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com