| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LITE49M bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49M bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 188 page ![]() ST7LITE49M Interrupts 51/188 Figure 20. Interrupt processing flowchart Table 13. Interrupt software priority levels Interrupt software priority Level I1 I0 Level 0 (main) Low High 10 Level 1 0 1 Level 2 0 Level 3 (= interrupt disable) 1 1 “IRET” RESTORE PC, X, A, CC STACK PC, X, A, CC LOAD I1:0 FROM INTERRUPT SW REG. FETCH NEXT RESET TLI PENDING INSTRUCTION I1:0 FROM STACK LOAD PC FROM INTERRUPT VECTOR Y N Y N Y N Interrupt has the same or a lower software priority THE INTERRUPT STAYS PENDING than current one EXECUTE INSTRUCTION INTERRUPT |