công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL bảng dữ liệu(PDF) 8 Page - Cree LED

tên linh kiện XPL
Giải thích chi tiết về linh kiện  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL bảng dữ liệu(HTML) 8 Page - Cree LED

Back Button XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED XPL Datasheet HTML 10Page - Cree LED XPL Datasheet HTML 11Page - Cree LED XPL Datasheet HTML 12Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
•
XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
8
ORDER CODES SUGGESTED FOR NEW DESIGNS - XP-L HIGH INTENSITY (T
J = 85 °C)
The following tables provide order codes for XLamp XP-L High Intensity LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 24). For definitions of the chromaticity kits, please see the Standard
Chromaticity Kits section (page 23).
Chromaticity
Minimum Luminous Flux (lm)
@ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
65 CRI Typical
70 CRI Minimum
51
6200 K
V4
440
491
XPLAWT-H0-0000-0000V4051
XPLAWT-H0-0000-000BV4051
V3
420
468
XPLAWT-H0-0000-0000V3051
XPLAWT-H0-0000-000BV3051
V2
400
446
XPLAWT-H0-0000-0000V2051
XPLAWT-H0-0000-000BV2051
53
6000 K
V4
440
491
XPLAWT-H0-0000-0000V4053
XPLAWT-H0-0000-000BV4053
V3
420
468
XPLAWT-H0-0000-0000V3053
XPLAWT-H0-0000-000BV3053
V2
400
446
XPLAWT-H0-0000-0000V2053
XPLAWT-H0-0000-000BV2053
50
6200 K
V4
440
491
XPLAWT-H0-0000-0000V4050
XPLAWT-H0-0000-000BV4050
V3
420
468
XPLAWT-H0-0000-0000V3050
XPLAWT-H0-0000-000BV3050
V2
400
446
XPLAWT-H0-0000-0000V2050
XPLAWT-H0-0000-000BV2050
E1
6500 K
V4
440
491
XPLAWT-H0-0000-0000V40E1
XPLAWT-H0-0000-000BV40E1
V3
420
468
XPLAWT-H0-0000-0000V30E1
XPLAWT-H0-0000-000BV30E1
V2
400
446
XPLAWT-H0-0000-0000V20E1
XPLAWT-H0-0000-000BV20E1
E2
5700 K
V4
440
491
XPLAWT-H0-0000-0000V40E2
XPLAWT-H0-0000-000BV40E2
V3
420
468
XPLAWT-H0-0000-0000V30E2
XPLAWT-H0-0000-000BV30E2
V2
400
446
XPLAWT-H0-0000-0000V20E2
XPLAWT-H0-0000-000BV20E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com