công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL bảng dữ liệu(PDF) 38 Page - Cree LED

tên linh kiện XPL
Giải thích chi tiết về linh kiện  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL bảng dữ liệu(HTML) 38 Page - Cree LED

Back Button XPL Datasheet HTML 34Page - Cree LED XPL Datasheet HTML 35Page - Cree LED XPL Datasheet HTML 36Page - Cree LED XPL Datasheet HTML 37Page - Cree LED XPL Datasheet HTML 38Page - Cree LED XPL Datasheet HTML 39Page - Cree LED XPL Datasheet HTML 40Page - Cree LED XPL Datasheet HTML 41Page - Cree LED XPL Datasheet HTML 42Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Note
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
38
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 4 and
page 5 for order codes of XLamp XP-L High Density LEDs that could serve as alternatives for the order codes set forth below.
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
70 CRI Minimum
75 CRI Typical
80 CRI Minimum
E3
5000 K
V4
440
XPLAWT-00-0000-000BV40E3
V3
420
XPLAWT-00-0000-000BV30E3
V2
400
XPLAWT-00-0000-000BV20E3
F4
4750 K
V4
440
XPLAWT-00-0000-000BV40F4
V3
420
XPLAWT-00-0000-000BV30F4
V2
400
XPLAWT-00-0000-000BV20F4
E4
4500 K
V4
440
XPLAWT-00-0000-000BV40E4
V3
420
XPLAWT-00-0000-000BV30E4
V2
400
XPLAWT-00-0000-000BV20E4
F5
4250 K
V4
440
XPLAWT-00-0000-000BV40F5
V3
420
XPLAWT-00-0000-000BV30F5
V2
400
XPLAWT-00-0000-000BV20F5
E5
4000 K
V4
440
XPLAWT-00-0000-000BV40E5
V3
420
XPLAWT-00-0000-000BV30E5
V2
400
XPLAWT-00-0000-000BV20E5
XPLAWT-00-0000-000HV20E5
U6
380
XPLAWT-00-0000-000BU60E5
XPLAWT-00-0000-000LU60E5
XPLAWT-00-0000-000HU60E5
U5
360
XPLAWT-00-0000-000HU50E5
Z5
4000 K
V3
420
XPLAWT-00-0000-000BV30Z5
V2
400
XPLAWT-00-0000-000BV20Z5
XPLAWT-00-0000-000HV20Z5
U6
380
XPLAWT-00-0000-000BU60Z5
XPLAWT-00-0000-000LU60Z5
XPLAWT-00-0000-000HU60Z5
U5
360
XPLAWT-00-0000-000HU50Z5
F6
3700 K
V2
400
XPLAWT-00-0000-000HV20F6
U6
380
XPLAWT-00-0000-000LU60F6
XPLAWT-00-0000-000HU60F6
U5
360
XPLAWT-00-0000-000LU50F6
XPLAWT-00-0000-000HU50F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com