công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL bảng dữ liệu(PDF) 37 Page - Cree LED

tên linh kiện XPL
Giải thích chi tiết về linh kiện  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL bảng dữ liệu(HTML) 37 Page - Cree LED

Back Button XPL Datasheet HTML 33Page - Cree LED XPL Datasheet HTML 34Page - Cree LED XPL Datasheet HTML 35Page - Cree LED XPL Datasheet HTML 36Page - Cree LED XPL Datasheet HTML 37Page - Cree LED XPL Datasheet HTML 38Page - Cree LED XPL Datasheet HTML 39Page - Cree LED XPL Datasheet HTML 40Page - Cree LED XPL Datasheet HTML 41Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Note
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 3 for
order codes of XLamp XP-L High Density LEDs that could serve as alternatives for the order codes set forth below.
XP-L High Density, T
J = 85 °C
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
65 CRI Typical
70 CRI Minimum
51
6200 K
V4
440
XPLAWT-00-0000-0000V4051
XPLAWT-00-0000-000BV4051
V3
420
XPLAWT-00-0000-0000V3051
XPLAWT-00-0000-000BV3051
V2
400
XPLAWT-00-0000-000BV2051
53
6000 K
V4
440
XPLAWT-00-0000-0000V4053
XPLAWT-00-0000-000BV4053
V3
420
XPLAWT-00-0000-0000V3053
XPLAWT-00-0000-000BV3053
V2
400
XPLAWT-00-0000-000BV2053
50
6200 K
V4
440
XPLAWT-00-0000-0000V4050
XPLAWT-00-0000-000BV4050
V3
420
XPLAWT-00-0000-0000V3050
XPLAWT-00-0000-000BV3050
V2
400
XPLAWT-00-0000-000BV2050
E1
6500 K
V4
440
XPLAWT-00-0000-0000V40E1
XPLAWT-00-0000-000BV40E1
V3
420
XPLAWT-00-0000-0000V30E1
XPLAWT-00-0000-000BV30E1
V2
400
XPLAWT-00-0000-000BV20E1
E2
5700 K
V4
440
XPLAWT-00-0000-0000V40E2
XPLAWT-00-0000-000BV40E2
V3
420
XPLAWT-00-0000-0000V30E2
XPLAWT-00-0000-000BV30E2
V2
400
XPLAWT-00-0000-000BV20E2
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com