công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL bảng dữ liệu(PDF) 6 Page - Cree LED

tên linh kiện XPL
Giải thích chi tiết về linh kiện  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL bảng dữ liệu(HTML) 6 Page - Cree LED

Back Button XPL Datasheet HTML 2Page - Cree LED XPL Datasheet HTML 3Page - Cree LED XPL Datasheet HTML 4Page - Cree LED XPL Datasheet HTML 5Page - Cree LED XPL Datasheet HTML 6Page - Cree LED XPL Datasheet HTML 7Page - Cree LED XPL Datasheet HTML 8Page - Cree LED XPL Datasheet HTML 9Page - Cree LED XPL Datasheet HTML 10Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
•
XLamp XP-L LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
6
Chromaticity
Minimum Luminous Flux
(lm) @ 1050 mA
Order Codes
Kit
CCT
Code Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
80 CRI Typical
80 CRI Minimum
90 CRI Minimum
E6
3500 K
V4
440
491
XPLAWT-00-0000-000LV40E6
XPLAWT-00-0000-000HV40E6
V3
420
468
XPLAWT-00-0000-000LV30E6
XPLAWT-00-0000-000HV30E6
V2
400
446
XPLAWT-00-0000-000LV20E6
Z6
3500 K
V4
440
491
XPLAWT-00-0000-000LV40Z6
XPLAWT-00-0000-000HV40Z6
V3
420
468
XPLAWT-00-0000-000LV30Z6
XPLAWT-00-0000-000HV30Z6
V2
400
446
XPLAWT-00-0000-000LV20Z6
XPLAWT-00-0000-000HV20Z6
U6
380
424
XPLAWT-00-0000-000LU60Z6
F7
3250 K
V4
440
491
XPLAWT-00-0000-000LV40F7
XPLAWT-00-0000-000HV40F7
V3
420
468
XPLAWT-00-0000-000LV30F7
XPLAWT-00-0000-000HV30F7
V2
400
446
XPLAWT-00-0000-000LV20F7
XPLAWT-00-0000-000HV20F7
U6
380
424
XPLAWT-00-0000-000LU60F7
E7
3000 K
V4
440
491
XPLAWT-00-0000-000LV40E7
XPLAWT-00-0000-000HV40E7
V3
420
468
XPLAWT-00-0000-000LV30E7
XPLAWT-00-0000-000HV30E7
V2
400
446
XPLAWT-00-0000-000LV20E7
XPLAWT-00-0000-000HV20E7
U6
380
424
XPLAWT-00-0000-000LU60E7
U5
360
401
XPLAWT-00-0000-000UU50E7
U4
340
379
XPLAWT-00-0000-000UU40E7
U3
320
357
XPLAWT-00-0000-000UU30E7
Z7
3000 K
V3
400
468
XPLAWT-00-0000-000LV30Z7
XPLAWT-00-0000-000HV30Z7
V2
400
446
XPLAWT-00-0000-000LV20Z7
XPLAWT-00-0000-000HV20Z7
U6
380
424
XPLAWT-00-0000-000LU60Z7
XPLAWT-00-0000-000HU60Z7
U5
360
401
XPLAWT-00-0000-000LU50Z7
XPLAWT-00-0000-000UU50Z7
U4
340
379
XPLAWT-00-0000-000UU40Z7
U3
320
357
XPLAWT-00-0000-000UU30Z7
F8
2850 K
V3
400
468
XPLAWT-00-0000-000LV30F8
XPLAWT-00-0000-000HV30F8
V2
400
446
XPLAWT-00-0000-000LV20F8
XPLAWT-00-0000-000HV20F8
U6
380
424
XPLAWT-00-0000-000LU60F8
XPLAWT-00-0000-000HU60F8
U5
360
401
XPLAWT-00-0000-000LU50F8
U4
340
379
XPLAWT-00-0000-000UU40F8
U3
320
357
XPLAWT-00-0000-000UU30F8
ORDER CODES SUGGESTED FOR NEW DESIGNS - XP-L HIGH DENSITY (T
J = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com