công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPL bảng dữ liệu(PDF) 41 Page - Cree LED

tên linh kiện XPL
Giải thích chi tiết về linh kiện  XLamp® XP-L LEDs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPL bảng dữ liệu(HTML) 41 Page - Cree LED

Back Button XPL Datasheet HTML 35Page - Cree LED XPL Datasheet HTML 36Page - Cree LED XPL Datasheet HTML 37Page - Cree LED XPL Datasheet HTML 38Page - Cree LED XPL Datasheet HTML 39Page - Cree LED XPL Datasheet HTML 40Page - Cree LED XPL Datasheet HTML 41Page - Cree LED XPL Datasheet HTML 42Page - Cree LED XPL Datasheet HTML 43Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Note
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 26).
XLAMP® XP-L LED
© 2014-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, and the Cree LED logo are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the
property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
CLD-DS97
REV 13
41
APPENDIX - ORDER CODES NOT FOR NEW DESIGNS - CONTINUED
The following order codes are active and valid order codes, but higher performance options are also available. Please see page 8 for
order codes of XLamp XP-L High Intensity LEDs that could serve as alternatives for the order codes set forth below.
XP-L High Intensity, T
J = 85 °C
Chromaticity
Minimum Luminous
Flux (lm) @ 1050 mA
Order Codes
Kit
CCT
Code
Flux (lm)
65 CRI Typical
70 CRI Minimum
51
6200 K
U6
380
XPLAWT-H0-0000-0000U6051
XPLAWT-H0-0000-000BU6051
U5
360
XPLAWT-H0-0000-0000U5051
XPLAWT-H0-0000-000BU5051
53
6000 K
U6
380
XPLAWT-H0-0000-0000U6053
XPLAWT-H0-0000-000BU6053
U5
360
XPLAWT-H0-0000-0000U5053
XPLAWT-H0-0000-000BU5053
50
6200 K
U6
380
XPLAWT-H0-0000-0000U6050
XPLAWT-H0-0000-000BU6050
U5
360
XPLAWT-H0-0000-0000U5050
XPLAWT-H0-0000-000BU5050
E1
6500 K
U6
380
XPLAWT-H0-0000-0000U60E1
XPLAWT-H0-0000-000BU60E1
U5
360
XPLAWT-H0-0000-0000U50E1
XPLAWT-H0-0000-000BU50E1
E2
5700 K
U6
380
XPLAWT-H0-0000-0000U60E2
XPLAWT-H0-0000-000BU60E2
U5
360
XPLAWT-H0-0000-0000U50E2
XPLAWT-H0-0000-000BU50E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com