công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 145 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 145 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 141Page - Texas Instruments AM263P2 Datasheet HTML 142Page - Texas Instruments AM263P2 Datasheet HTML 143Page - Texas Instruments AM263P2 Datasheet HTML 144Page - Texas Instruments AM263P2 Datasheet HTML 145Page - Texas Instruments AM263P2 Datasheet HTML 146Page - Texas Instruments AM263P2 Datasheet HTML 147Page - Texas Instruments AM263P2 Datasheet HTML 148Page - Texas Instruments AM263P2 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 164 page
background image
6.11.5.15 Universal Asynchronous Receiver/Transmitter (UART)
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding subsections within Signal Descriptions and Detailed Description
sections.
For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in the device TRM.
6.11.5.15.1 UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
1
30
pF
6.11.5.15.2 UART Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
4
tw(RX)
Pulse width, receive data bit, high or low
0.95U(1)
1.05U(1)
ns
5
tw(CTS)
Pulse width, receive start bit, high or low
0.95U(1)
ns
(1)
U = UART baud time = 1 / Programmed baud rate.
6.11.5.15.3 UART Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
f(baud)
Programmable baud rate
15pF
12
Mbps
30pF
0.115
2
tw(TX)
Pulse width, transmit data bit, high or low
U(1) – 2.2
U(1) + 2.2
ns
3
tw(RTS)
Pulse width, transmit start bit, high or low
U(1) – 2.2
ns
1
td(CTS-TX)
Delay time, receive CTS bit to transmit data
30
ns
(1)
U = UART baud time = 1 / Programmed baud rate.
Figure 6-64. UART Timing Requirements and Switching Characteristics
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
145
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com