công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 74 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 70Page - Texas Instruments AM263P2 Datasheet HTML 71Page - Texas Instruments AM263P2 Datasheet HTML 72Page - Texas Instruments AM263P2 Datasheet HTML 73Page - Texas Instruments AM263P2 Datasheet HTML 74Page - Texas Instruments AM263P2 Datasheet HTML 75Page - Texas Instruments AM263P2 Datasheet HTML 76Page - Texas Instruments AM263P2 Datasheet HTML 77Page - Texas Instruments AM263P2 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 164 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD
1.2V SOC core supply
–0.5
1.5
V
VDDAR1
1.2V SRAM Array Supply 1
–0.5
1.5
V
VDDAR2
1.2V SRAM Array Supply 2
–0.5
1.5
V
VDDAR3
1.2V SRAM Array Supply 3
–0.5
1.5
V
VDDS18
1.8V IO Bias Supply from Bias LDO routed
through Board
–0.5
2.1
V
VDDS33
3.3V IO Supply
–0.5
4.0
V
VDDA18_OSC_PLL
1.8V Analog Supply for PLL. Routed from
the 1.8V Analog LDO out through Board
–0.5
2.1
V
VDDA33
Analog 3.3V Supply
–0.5
4.0
V
VDDA18
1.8V Analog Supply. Routed from the 1.8V
Analog LDO out through Board
–0.5
2.1
V
IO Pin Steady State Voltage
3.3V LVCMOS IO Buffer
–0.3
VDDS33(3) + 0.3
V
3.3V I2C Open-Drain IO Buffers
–0.3
VDDS33(3) + 0.3
V
XTAL Pad
–0.5
2.1
V
Transient
Overshoot and
Undershoot
All Other IO Terminals
–0.3
VDDS33(3) + 0.2 × VDDS33(3) for up
to 20% of signal period
V
XTAL Pad
20% of VDDA18_OSC_PLL for up to 20%
of signal period
0.2 × VDDA18_OSC_PLL
V
Latch Up Performance
Class II (150°C)
Latch-up I-test Performance (Current-Pulse
Injection on each IO pin)
±100
mA
Latch-up Overvoltage Performance (Voltage
Injection on each IO pin)
1.5 × VDDS33
V
Output current
Digital output (per pin), IOUT
–20
20
mA
Storage temperature(4)
Tstg
–55
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
VDDS33 is the voltage on the corresponding power-supply pin(s) for the IC.
(4)
Long-term high-temperature storage or extended use at maximum temperature conditions may result in a reduction of overall device
life. For additional information, see the Semiconductor and IC Package Thermal Metrics Application Report.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
74
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com