| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P2 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 164 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] J4 J4 EPWM12_B EPWM12_B_CFG_REG 0x5310 0110 0x0000 05F7 EPWM12_B 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART1_DCDn 1 I SPI7_CS0 2 IO MCAN7_TX 4 O OSPI0_D7 6 IO GPIO68 7 IO EPWM10_A 10 O K4 K4 EPWM13_A EPWM13_A_CFG_REG 0x5310 0114 0x0000 05F7 EPWM13_A 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART1_RIn 1 I SPI7_CLK 2 IO OSPI0_D3 6 IO GPIO69 7 IO EPWM13_A 10 O K3 K3 EPWM13_B EPWM13_B_CFG_REG 0x5310 0118 0x0000 05F7 EPWM13_B 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART1_DTRn 1 O SPI7_D0 2 IO OSPI0_ECC_FAIL 6 I GPIO70 7 IO EPWM13_B 10 O V17 EPWM14_A EPWM14_A_CFG_REG 0x5310 011C 0x0000 05F7 EPWM14_A 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART1_DSRn 1 I SPI7_D1 2 IO MCAN6_RX 3 I GPIO71 7 IO EPWM14_A 10 O T16 EPWM14_B EPWM14_B_CFG_REG 0x5310 0120 0x0000 05F7 EPWM14_B 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD MII1_RX_ER 2 I MCAN6_TX 3 O GPIO72 7 IO EPWM14_B 10 O P15 EPWM15_A EPWM15_A_CFG_REG 0x5310 0124 0x0000 05F7 EPWM15_A 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART5_TXD 1 O MII1_COL 2 I MCAN7_RX 3 I GPIO73 7 IO ADC_EXTCH_XBAROUT4 9 O EPWM15_A 10 O www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |