| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P2 bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 164 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] C18 C18 C18 PR0_PRU1_GPIO9 PR0_PRU1_GPIO9_CFG_REG 0x5310 01A0 0x0000 05F7 PR0_PRU1_GPIO9 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI5_CLK 2 IO PR0_UART0_RXD 3 I TRC_DATA1 4 O EPWM30_B 5 O GPIO104 7 IO ADC_EXTCH_XBAROUT7 9 O D17 D17 D17 PR0_PRU1_GPIO10 PR0_PRU1_GPIO10_CFG_REG 0x5310 01A4 0x0000 05F7 PR0_PRU1_GPIO10 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI5_D0 2 IO PR0_UART0_TXD 3 O TRC_DATA2 4 O EPWM31_A 5 O GPIO105 7 IO RES0_PWMOUT0 8 O EPWM31_A 10 O B18 B18 B18 PR0_PRU1_GPIO11 PR0_PRU1_GPIO11_CFG_REG 0x5310 01CC 0x0000 05F7 PR0_PRU1_GPIO11 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD MCAN6_RX 1 I SPI6_CS0 2 IO FSITX3_DATA1 3 O TRC_DATA12 4 O EPWM16_A 5 O GPIO115 7 IO B17 B17 B17 PR0_PRU1_GPIO12 PR0_PRU1_GPIO12_CFG_REG 0x5310 01D0 0x0000 05F7 PR0_PRU1_GPIO12 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD MCAN6_TX 1 O SPI6_CLK 2 IO FSIRX3_CLK 3 I TRC_DATA13 4 O EPWM16_B 5 O GPIO116 7 IO D16 D16 D16 PR0_PRU1_GPIO13 PR0_PRU1_GPIO13_CFG_REG 0x5310 01D4 0x0000 05F7 PR0_PRU1_GPIO13 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD MCAN7_RX 1 I SPI6_D0 2 IO FSIRX3_DATA0 3 I TRC_DATA14 4 O XBAROUT11 5 O GPIO117 7 IO RES0_PWMOUT0 8 O AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 36 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |