công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 146 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 146 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 142Page - Texas Instruments AM263P2 Datasheet HTML 143Page - Texas Instruments AM263P2 Datasheet HTML 144Page - Texas Instruments AM263P2 Datasheet HTML 145Page - Texas Instruments AM263P2 Datasheet HTML 146Page - Texas Instruments AM263P2 Datasheet HTML 147Page - Texas Instruments AM263P2 Datasheet HTML 148Page - Texas Instruments AM263P2 Datasheet HTML 149Page - Texas Instruments AM263P2 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 164 page
background image
6.11.6 Emulation and Debug
For more details about features and additional description information on the device Trace and JTAG interfaces,
see the corresponding subsections within Signal Descriptions and Detailed Description sections. For more
information, see the On-Chip Debug section in the device TRM.
6.11.6.1 JTAG
The acronym stands for the Joint Test Action Group, the committee of engineers who defined the boundary-
scan standard (IEEE std 1149.1). For more details about features and additional description information on the
device JTAG interface, see the corresponding subsections within Signal Descriptions and Detailed Description
sections.
6.11.6.1.1 JTAG Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.5
2.00
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
5
15
pF
6.11.6.1.2 JTAG Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J1
tc(TCK)
Cycle time, TCK
40
ns
J2
tw(TCKH)
Pulse width, TCK high
16
ns
J3
tw(TCKL)
Pulse width, TCK low
16
ns
J4
tsu(TDI-TCKH)
Input setup time, TDI valid to TCK high
2
ns
tsu(TMS-TCKH)
Input setup time, TMS valid to TCK high
2
J5
th(TCK-TDI)
Input hold time, TDI valid from TCK high
15.9
ns
th(TCK-TMS)
Input hold time, TMS valid from TCK high
15.9
6.11.6.1.3 JTAG Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time, TCK low to TDO invalid
–0.067005
ns
J7
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
11.89594
ns
TDO
J2
J1
J4
TCK
J5
TDI / TMS
J3
J6
J7
J4
J5
Figure 6-65. JTAG Timing Requirements and Switching Characteristics
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
146
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com