công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 123 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 123 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 119Page - Texas Instruments AM263P2 Datasheet HTML 120Page - Texas Instruments AM263P2 Datasheet HTML 121Page - Texas Instruments AM263P2 Datasheet HTML 122Page - Texas Instruments AM263P2 Datasheet HTML 123Page - Texas Instruments AM263P2 Datasheet HTML 124Page - Texas Instruments AM263P2 Datasheet HTML 125Page - Texas Instruments AM263P2 Datasheet HTML 126Page - Texas Instruments AM263P2 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 164 page
background image
Implementing data training enables proper operation across temperature with a specific process, voltage, and
frequency operating condition, while achieving a higher operating frequency.
Data transmit and receive timing parameters are not defined for the data training use case since they are
dynamically adjusted based on the operating condition.
6.11.5.12.2.1.1 OSPI DLL Delay Mapping for PHY Data Training
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
Transmit
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD
(1)
Receive
All modes
PHY_CONFIG_RX_DLL_DELAY_FLD
(2)
(1)
Transmit DLL delay value determined by training software
(2)
Receive DLL delay value determined by training software
6.11.5.12.2.1.2 OSPI Timing Requirements - PHY Data Training
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O15
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid
before active OSPI0_DQS edge
DDR with DQS
(1)
ns
O16
th(LBCLK-D)
Hold time, OSPI0_D[7:0] valid
after active OSPI0_DQS edge
DDR with DQS
(1)
ns
(1)
Minimum setup and hold time requirements for OSPI0_D[7:0] inputs are not defined when Data Training is used to find the optimum
data valid window.
tO16t
tO16t
O15
O15
OSPI_DQS
OSPI_D[i:0]
Figure 6-32. . OSPI0 Timing Requirements – PHY Data Training, DDR with DQS
6.11.5.12.2.1.3 OSPI Switching Characteristics - PHY Data Training
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, OSPI0_CLK
3.3V, DDR
7.52
ns
O2
tw(CLKL)
Pulse duration, OSPI0_CLK low
DDR
0.475P(1) - 0.3
ns
O3
tw(CLKH)
Pulse duration, OSPI0_CLK high
DDR
0.475P(1) - 0.3
ns
O4
td(CSn-CLK)
Delay time, OSPI0_CSn[1:0] active edge
to OSPI0_CLK rising edge
DDR
0.475P(1) + (0.975
× M(2) × R(4)) +
0.65TD(5) - 1
0.525P(1) + (1.025
× M(2) × R(4)) +
0.175TD(5) + 1
ns
O5
td(CLK-CSn)
Delay time, OSPI0_CLK rising edge to
OSPI0_CSn[1:0] inactive edge
DDR
0.475P(1) + (0.975
× N(3) × R(4)) -
0.065TD(5) - 1
0.525P(1) + (1.025
× N(3) × R(4)) -
0.175TD(5) + 1
ns
O6
td(CLK-D)
Delay time, OSPI0_CLK active edge to
OSPI0_D[7:0] transition
DDR
(6)
(6)
ns
(1)
P = OSPI0_CLK cycle time = SCLK period in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = REFCLK cycle time in ns
(5)
TD = PHY_CONFIG_TX_DLL_DELAY_FLD
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com