công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 119 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 119 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 115Page - Texas Instruments AM263P2 Datasheet HTML 116Page - Texas Instruments AM263P2 Datasheet HTML 117Page - Texas Instruments AM263P2 Datasheet HTML 118Page - Texas Instruments AM263P2 Datasheet HTML 119Page - Texas Instruments AM263P2 Datasheet HTML 120Page - Texas Instruments AM263P2 Datasheet HTML 121Page - Texas Instruments AM263P2 Datasheet HTML 122Page - Texas Instruments AM263P2 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 164 page
background image
6.11.5.11 Multi-Media Card/Secure Digital (MMCSD)
The MMCSD Host Controller provides an interface to embedded Multi-Media Card (MMC) and Secure Digital
(SD)devices. The MMCSD Host Controller deals with MMC/SD protocol at transmission level, data packing,
adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking for syntactical correctness.
For more details about MMCSD interfaces, see the corresponding MMC subsection within Signal Descriptions
and Detailed Description sections.
For more information, see Multi-Media Card/Secure Digital (MMCSD) Interface section in Peripherals chapter in
the device TRM.
6.11.5.11.1 MMC Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
Default Speed
0.69
2.06
V/ns
High Speed
0.69
2.06
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
Default Speed
1
10
pF
High Speed
1
10
pF
6.11.5.11.2 MMC Timing Requirements - SD Card Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS1
tsu(cmdV-clkH)
Setup time, MMC_CMD valid before MMC_CLK
rising edge
2.15
ns
DS2
th(clkH-cmdV)
Hold time, MMC_CMD valid after MMC_CLK
rising edge
19.67
ns
DS3
tsu(dV-clkH)
Setup time, MMC_DAT[3:0] valid before
MMC_CLK rising edge
2.15
ns
DS4
th(clkH-dV)
Hold time, MMC_DAT[3:0] valid after MMC_CLK
rising edge
19.67
ns
MMC[ ]_CLK
x
M
[ ]_
MC
CMD
x
MMC
DAT
[ ]_
[3:0]
x
DS1
DS2
DS3
DS4
Figure 6-28. MMC – Default Speed – Receive Mode
6.11.5.11.3 MMC Switching Characteristics - SD Card Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC_CLK
25
MHz
DS5
tc(clk)
Operating period, MMC_CLK
40
ns
DS6
tw(clkH)
Pulse duration, MMC_CLK high
18.7
ns
DS7
tw(clkL)
Pulse duration, MMC_CLK low
18.7
ns
DS8
td(clkL-cmdV)
Delay time, MMC_CLK falling edge to
MMC_CMD transition
–14.1
14.1
ns
DS9
td(clkL-dV)
Delay time, MMC_CLK falling edge to
MMC_DAT[3:0] transition
–14.1
14.1
ns
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com