công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 124 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 124 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 120Page - Texas Instruments AM263P2 Datasheet HTML 121Page - Texas Instruments AM263P2 Datasheet HTML 122Page - Texas Instruments AM263P2 Datasheet HTML 123Page - Texas Instruments AM263P2 Datasheet HTML 124Page - Texas Instruments AM263P2 Datasheet HTML 125Page - Texas Instruments AM263P2 Datasheet HTML 126Page - Texas Instruments AM263P2 Datasheet HTML 127Page - Texas Instruments AM263P2 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 164 page
background image
(6)
Minimum and maximum delay times for OSPI0_D[7:0] outputs are not defined when Data Training is used to find the optimum data
valid window.
tO4t
tO3t
tO5t
tO2t
tO1t
O6
O6
OSPI_CSn
OSPI_CLK
OSPI_D[i:0]
Figure 6-33. OSPI0 Switching Characteristics – PHY DDR Data Training
6.11.5.12.2.2 OSPI0 Without Data Training
Note
Timing parameters defined in this section are only applicable when data training is not implemented
and DLL delays are configured as described in OSPI DLL Delay Mapping for PHY SDR Timing Modes
and OSPI DLL Delay Mapping for PHY DDR Timing Modes.
6.11.5.12.2.2.1 OSPI0 PHY SDR Timing
6.11.5.12.2.2.1.1 OSPI DLL Delay Mapping for PHY SDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
Transmit
All Modes
PHY_CONFIG_TX_DLL_DELAY_FLD
0x23
Receive
SDR with Internal PHY Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x2D
SDR with External Board Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0xA
6.11.5.12.2.2.1.2 OSPI Timing Requirements - PHY SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O19
tsu(D-CLK)
Setup time, OSPI0_D[7:0] valid
before active OSPI0_CLK edge
3.3V, SDR with
Internal PHY
Loopback
7
ns
O20
th(CLK-D)
Hold time, OSPI0_D[7:0] valid
after active OSPI0_CLK edge
3.3V, SDR with
Internal PHY
Loopback
0
ns
O21
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid
before active OSPI0_DQS edge
3.3V, SDR with
External Board
Loopback
7
ns
O22
th(LBCLK-D)
Hold time, OSPI0_D[7:0] valid
after active OSPI0_DQS edge
3.3V, SDR with
External Board
Loopback
4.7
ns
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
124
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com