công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56364P bảng dữ liệu(PDF) 65 Page - Freescale Semiconductor, Inc

tên linh kiện DSP56364P
Giải thích chi tiết về linh kiện  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364P bảng dữ liệu(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button DSP56364P Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
Enhanced Serial Audio Interface Timing
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-49
459
FST input (wl) to transmitter #0 drive enable
assertion
—
—
—
31.0
—
ns
460
FST input (wl) setup time before TXC falling
edge
——
2.0
21.0
—
—
x ck
i ck
ns
461
FST input hold time after TXC falling edge
—
—
4.0
0.0
—
—
x ck
i ck
ns
462
Flag output valid after TXC rising edge
—
—
—
—
32.0
18.0
x ck
i ck
ns
463
HCKR/HCKT clock cycle
—
—
40.0
—
ns
464
HCKT input rising edge to TXC output
—
—
—
27.5
ns
465
HCKR input rising edge to RXC output
—
—
—
27.5
ns
1 V
CC = 3.16 V ± 0.16 V; TJ = 0°C to +105°C, CL = 50 pF.
2 i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode (asynchronous implies that TXC and RXC are two different clocks)
i ck s = internal clock, synchronous mode (synchronous implies that TXC and RXC are the same clock)
3 bl = bit length
wl = word length
wr = word length relative
4 TXC (SCKT pin) = transmit clock
RXC (SCKR pin) = receive clock
FST (FST pin) = transmit frame sync
FSR (FSR pin) = receive frame sync
HCKT (HCKT pin) = transmit high speed clock
HCKR (HCKR pin) = receive high speed clock
5 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register.
6 The word-relative frame sync signal waveform relative to the clock operates in the same manner as the bit-length frame sync
signal waveform, but spreads from one serial clock before first bit clock (same as bit length frame sync signal), until the one
before last bit clock of the first word in frame.
7 Periodically sampled and not 100% tested
Table 3-20 Enhanced Serial Audio Interface Timing (continued)
No.
Characteristics1, 2, 3
Symbol
Expression
Min
Max
Condition4 Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com