| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC663 bảng dữ liệu(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC663 bảng dữ liệu(HTML) 78 Page - NXP Semiconductors |
|
78 / 177 page ![]() NXP Semiconductors CLRC663 High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus Bit Symbol Description 7 to 0 T2ReloadHi Defines the high byte of the reload value of the Timer2. With the start event, the timer load the value of the T2ReloadValHi and T2ReloadValLo. Changing this register affects the timer only at the next start event. Table 104. T2ReloadHi bits 9.7.2.12 T2ReloadLo Low byte of the reload value of Timer2. Bit 7 6 5 4 3 2 1 0 Symbol T2ReloadLo Access rights r/w Table 105. T2ReloadLo register (address 1Bh) Bit Symbol Description 7 to 0 T2ReloadLo Defines the low byte of the reload value of the Timer2. With the start event, the timer load the value of the T2ReloadValHi and T2RelaodVaLo. Changing this register affects the timer only at the next start event. Table 106. T2ReloadLo bits 9.7.2.13 T2CounterValHi High byte of the counter register of Timer2. Bit 7 6 5 4 3 2 1 0 Symbol T2CounterValHi Access rights dy Table 107. T2CounterValHi register (address 1Ch) Bit Symbol Description 7 to 0 T2Counter ValHi High byte current counter value of Timer2. This value shall not be read out during reception. Table 108. T2CounterValHi bits 9.7.2.14 T2CounterValLoReg Low byte of the current value of Timer 2. Bit 7 6 5 4 3 2 1 0 Symbol T2CounterValLo Access rights dy Table 109. T2CounterValLo register (address 1Dh) CLRC663 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 5.3 — 3 January 2024 78 / 177 |