| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC663 bảng dữ liệu(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC663 bảng dữ liệu(HTML) 37 Page - NXP Semiconductors |
|
37 / 177 page ![]() NXP Semiconductors CLRC663 High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus WaterLevel is one single value defining both HiAlert (counting from the FIFO top) and LoAlert (counting from the FIFO bottom). The CLRC663 can generate an interrupt signal if: • LoAlertIRQEn in register IRQ0En is set to logic 1 it will activate pin IRQ when LoAlert in the register FIFOControl changes to 1. • HiAlertIRQEN in register IRQ0En is set to logic 1 it will activate pin IRQ when HiAlert in the register FIFOControl changes to 1. The bit HiAlert is set to logic 1 if maximum water level bytes (as set in register WaterLevel) or less can be stored in the FIFO-buffer. It is generated according to the following equation: (2) The bit LoAlert is set to logic 1 if water level bytes (as set in register WaterLevel) or less are actually stored in the FIFO-buffer. It is generated according to the following equation: (3) CLRC663 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 5.3 — 3 January 2024 37 / 177 |