| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC663 bảng dữ liệu(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC663 bảng dữ liệu(HTML) 27 Page - NXP Semiconductors |
|
27 / 177 page ![]() NXP Semiconductors CLRC663 High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus The following features defined by the NXP Semiconductors I2C interface specification, rev. 3.0, June 2007 are not supported: • The CLRC663 I2C interface does not stretch the clock • The CLRC663 I2C interface does not support the general call. This means that the CLRC663 does not support a software reset • The CLRC663 does not support the I2C device ID • The implemented interface can only act in slave mode. Therefore no clock generation and access arbitration is implemented in the CLRC663. • High-speed mode is not supported by the CLRC663 001aam000 READER IC SDA SCL PULL-UP NETWORK PULL-UP NETWORK MICROCONTROLLER Figure 16. I2C-bus interface The voltage level on the I2C pins is not allowed to be higher than PVDD. SDA is a bidirectional line, connected to a positive supply voltage via a pull-up resistor. Both lines SDA and SCL are set to HIGH level if no data is transmitted. Data on the I2C-bus can be transferred at data rates of up to 400 kbit/s in fast mode, up to 1 Mbit/s in the fast mode+. If the I2C interface is selected, a spike suppression according to the I2C interface specification on SCL and SDA is automatically activated. For timing requirements, refer to Table 256. 8.4.4.2 I2C Data validity Data on the SDA line shall be stable during the HIGH period of the clock. The HIGH state or LOW state of the data line shall only change when the clock signal on SCL is LOW. 001aam300 data line stable; data valid change of data allowed SDA SCL Figure 17. Bit transfer on the I2C-bus 8.4.4.3 I2C START and STOP conditions To handle the data transfer on the I2C-bus, unique START (S) and STOP (P) conditions are defined. A START condition is defined with a HIGH-to-LOW transition on the SDA line while SCL is HIGH. A STOP condition is defined with a LOW-to-HIGH transition on the SDA line while SCL is HIGH. The master always generates the START and STOP conditions. The bus is considered to be busy after the START condition. The bus is considered to be free again a certain time after the STOP condition. CLRC663 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 5.3 — 3 January 2024 27 / 177 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |