công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM647ZUT720 bảng dữ liệu(PDF) 100 Page - Texas Instruments

tên linh kiện TMS320DM647ZUT720
Giải thích chi tiết về linh kiện  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT720 bảng dữ liệu(HTML) 100 Page - Texas Instruments

Back Button TMS320DM647ZUT720 Datasheet HTML 96Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 97Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 98Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 99Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 100Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 101Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 102Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 103Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 166 page
background image
www.ti.com
AECLKOUT
ACEx
ABE[7:0]
AEA[19:0]/
ABA[1:0]
AED[63:0]
AAOE/ASOE(A)
AR/W
AAWE/ASWE(A)
AARDY(B)
ByteEnables
Address
ReadData
Hold=1
2
Strobe=4
Setup=1
2
2
4
10
10
1
1
1
3
DEASSERTED
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 6-32. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module
(1) (2) (3) (see Figure 6-15 and Figure 6-16)
-720
-900
NO.
PARAMETER
UNIT
MIN
MAX
1
tosu(SELV-AOEL)
Output setup time, select signals valid to AAOE low
RS * E – 1.5
ns
2
toh(AOEH-SELIV)
Output hold time, AAOE high to select signals invalid
RS * E – 1.9
ns
10
td(EKOH-AOEV)
Delay time, AECLKOUT high to AAOE valid
1
7
ns
11
tosu(SELV-AWEL)
Output setup time, select signals valid to AAWE low
WS * E – 1.7
ns
12
toh(AWEH-SELIV)
Output hold time, AAWE high to select signals invalid
WH * E – 1.8
ns
13
td(EKOH-AWEV)
Delay time, AECLKOUT high to AAWE valid
1.3
7.1
ns
A.
AAOE /ASOE and AAWEASWE operate as AAOE (identified under select signals) and AAWE, respectively, during
asynchronous memory accesses.
B.
Polarity of the AARDY signal is programmable through the AP field of the EMIFA Async Wait Cycle Configuration
register (AWCC).
Figure 6-15. Asynchronous Memory Read Timing for EMIFA
(1)
E = AECLKOUT period in ns for EMIFA
(2)
RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters
are programmed via the EMIFA CE Configuration registers (CEnCFG).
(3)
Select signals for EMIFA include: ACEx, ABE[7:0], AEA[19:0], ABA[1:0]; and for EMIFA writes, also include AR/W, AED[63:0].
Peripheral Information and Electrical Specifications
100
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com