| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647ZUT720 bảng dữ liệu(PDF) 92 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT720 bảng dữ liệu(HTML) 92 Page - Texas Instruments |
|
92 / 166 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 Table 6-25. DM647/DM648 DSP Interrupts (continued) DSP EVENT INTERRUPT SOURCE INTERRUPT NUMBER 90 Reserved Reserved 91 Reserved Reserved 92 Reserved Reserved 93 Reserved Reserved 94 Reserved Reserved 95 Reserved Reserved 96 INTERR C64x+ Interrupt Controller Dropped CPU Interrupt Event 97 EMC_IDMAERR C64x+ EMC Invalid IDMA Parameters 98 Reserved Reserved 99 Reserved Reserved 100 EFIINTA EFI Interrupt from side A. 101 EFIINTB EFI Interrupt from side B 102 - 112 Reserved Reserved 113 L1P_ED L1P Single bit error detected during DMA read 114-115 Reserved Reserved 116 L2_ED1 L2 single bit error detected 117 L2_ED2 L2 two bit error detected 118 PDC_INT Power Down sleep interrupt 119 Reserved Reserved 120 L1P_CMPA L1P CPU memory protection fault 121 L1P_DMPA L1P DMA memory protection fault 122 L1D_CMPA L1D CPU memory protection fault 123 L1D_DMPA L1D DMA memory protection fault 124 L2_CMPA L2 CPU memory protection fault 125 L2_DMPA L2 DMA memory protection fault 126 IDMA_CMPA IDMA CPU memory protection fault 127 IDMA_BUSERR IDMA bus error interrupt Peripheral Information and Electrical Specifications 92 Submit Documentation Feedback |