| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647ZUT720 bảng dữ liệu(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT720 bảng dữ liệu(HTML) 48 Page - Texas Instruments |
|
48 / 166 page ![]() www.ti.com TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 For most systems, a 1-k Ω resistor can be used to oppose the IPU/IPD while meeting the above criteria. Users should confirm this resistor value is correct for their specific application. For most systems, a 20-k Ω resistor can be used to complement the IPU/IPD on the boot and configuration pins while meeting the above criteria. Users should confirm this resistor value is correct for their specific application. For more detailed information on input current (II), and the low-/high-level input voltages (VIL and VIH) for the DM64x device, see Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Temperature. For the internal pullup/pulldown resistors for all device pins, see the peripheral/system-specific terminal functions table. 48 Device Configuration Submit Documentation Feedback |