công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3794A bảng dữ liệu(PDF) 59 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện PCM3794A
Giải thích chi tiết về linh kiện  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3794A bảng dữ liệu(HTML) 59 Page - Burr-Brown (TI)

Back Button PCM3794A Datasheet HTML 55Page - Burr-Brown (TI) PCM3794A Datasheet HTML 56Page - Burr-Brown (TI) PCM3794A Datasheet HTML 57Page - Burr-Brown (TI) PCM3794A Datasheet HTML 58Page - Burr-Brown (TI) PCM3794A Datasheet HTML 59Page - Burr-Brown (TI) PCM3794A Datasheet HTML 60Page - Burr-Brown (TI) PCM3794A Datasheet HTML 61Page - Burr-Brown (TI) PCM3794A Datasheet HTML 62Page - Burr-Brown (TI) PCM3794A Datasheet HTML 63Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
www.ti.com
f :SamplingFrequency[Hz]
f :CenterFrequency[Hz]
f : BandWidth[Hz]
S
C
b
0dB
–3dB
Frequency – Hz
f
C
f
b
(Equation1)
(Equation2)
a = –(1+a )cos
1
2
÷
÷
ø
ö
ç
ç
è
æ 2 f
p
C
f
S
a =
2
1 – tan
÷
÷
ø
ö
ç
ç
è
æ 2 f /f
p
b S
2
1+tan
÷
÷
ø
ö
ç
ç
è
æ 2 f /f
p
b S
2
M0058-01
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
Registers 101–104
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 101
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
S107
S106
S105
S104
S103
S102
S101
S100
Register 102
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
S115
S114
S113
S112
S111
S110
S109
S108
Register 103
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
S207
S206
S205
S204
S203
S202
S201
S200
Register 104
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
S215
S214
S213
S212
S211
S210
S209
S208
IDX[6:0]: 110 0101b (65h): Register 101
IDX[6:0]: 110 0110b (66h): Register 102
IDX[6:0]: 110 0111b (67h): Register 103
IDX[6:0]: 110 1000b (68h): Register 104
S[107:100]: Lower 8 Bits of Coefficient a1 for Second-Stage Notch Filter
S[115:108]: Upper 8 Bits of Coefficient a1 for Second-Stage Notch Filter
S[207:200]: Lower 8 Bits of Coefficient a2 for Second-Stage Notch Filter
S[215:208]: Upper 8 Bits of Coefficient a2 for Second-Stage Notch Filter
Default value: 0000 0000
These bits are used to change the characteristics of the second-stage notch filter. See Figure 39 for details.
The PCM3793A/94A provides two notch filters for the digital input to the DAC or the digital output from the ADC.
The optional filter characteristics of each filter are programmable. The characteristics are given by calculating
the coefficients for three parameters, sampling frequency, center frequency, and bandwidth, as shown in
Figure 39. All coefficients must be written as 2s-complement binary data into registers 97, 98, 99, 100, 101, 102,
103, and 104.
Figure 39. Parameter Settings for Notch Filter
The coefficients are calculated using Equation 1 and Equation 2 in Figure 39. An example follows:
fS = 16 kHz, fC = 0.5 kHz, fb = 0.2 kHz
a2 = 0.924390492 → Decimal to Hex → 3B29h
a1 = –1.887413868 → Decimal to Hex → 8735h
a2: F[215:208] = 3Bh, F[207:200] = 29h
a1: F[115:108] = 87h, F[107:100] = 35h
59
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com