công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3794A bảng dữ liệu(PDF) 45 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện PCM3794A
Giải thích chi tiết về linh kiện  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3794A bảng dữ liệu(HTML) 45 Page - Burr-Brown (TI)

Back Button PCM3794A Datasheet HTML 41Page - Burr-Brown (TI) PCM3794A Datasheet HTML 42Page - Burr-Brown (TI) PCM3794A Datasheet HTML 43Page - Burr-Brown (TI) PCM3794A Datasheet HTML 44Page - Burr-Brown (TI) PCM3794A Datasheet HTML 45Page - Burr-Brown (TI) PCM3794A Datasheet HTML 46Page - Burr-Brown (TI) PCM3794A Datasheet HTML 47Page - Burr-Brown (TI) PCM3794A Datasheet HTML 48Page - Burr-Brown (TI) PCM3794A Datasheet HTML 49Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
www.ti.com
Input Amplitude
0 dB
M0057-01
0 dB
Compression
–2, –6, –12dB
Expansion
(0, 6,12,24dB)
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
RCP[1:0]: ALC Compression Level Control for Recording
Default value: 00
These bits are used to set the compression level for the ALC. The characteristic is shown in Figure 38.
RCP[1:0]
ALC Compression Level Control for Recording
0 0
–2 dB (default)
0 1
–6 dB
1 0
–12 dB
1 1
Reserved
RLV[1:0]: ALC Expansion Level Control for Recording
Default value: 00
These bits are used to set the expansion level for the ALC. The characteristic is shown in Figure 38.
RLV[1:0]
ALC Gain Level Control for Recording
0 0
0 dB (default)
0 1
6 dB
1 0
14 dB
1 1
24 dB
Figure 38. Compression and Expansion Characteristics
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68