công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3794A bảng dữ liệu(PDF) 42 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện PCM3794A
Giải thích chi tiết về linh kiện  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3794A bảng dữ liệu(HTML) 42 Page - Burr-Brown (TI)

Back Button PCM3794A Datasheet HTML 38Page - Burr-Brown (TI) PCM3794A Datasheet HTML 39Page - Burr-Brown (TI) PCM3794A Datasheet HTML 40Page - Burr-Brown (TI) PCM3794A Datasheet HTML 41Page - Burr-Brown (TI) PCM3794A Datasheet HTML 42Page - Burr-Brown (TI) PCM3794A Datasheet HTML 43Page - Burr-Brown (TI) PCM3794A Datasheet HTML 44Page - Burr-Brown (TI) PCM3794A Datasheet HTML 45Page - Burr-Brown (TI) PCM3794A Datasheet HTML 46Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
www.ti.com
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
Register 81
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 81
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
HPF1
HPF0
RMUL
RMUR
RSV
DSMC
RFM1
RFM0
IDX[6:0]: 101 0001b (51h): Register 81
HPF[1:0]: High-Pass Filter Selection
Default value: 00
The PCM3793A/94A has a digital high-pass filter to remove dc voltage at the input of the ADC. The cutoff
frequency of the high-pass filter can be selected.
HPF [1:0]
High-Pass Filter Selection
0 0
fC = 4 Hz at 48 kHz (default)
0 1
fC = 240 Hz at 48 kHz
1 0
fC = 120 Hz at 48 kHz
1 1
High-pass filter disabled
RMUL: Digital Soft Mute Control for L-Channel ADC
RMUR: Digital Soft Mute Control for R-Channel ADC
Default value: 1
The digital output of the ADC can be independently muted by setting RMUL and RMUR = 1. The digital data is
changed from the current attenuation level to mute level by a 1-dB step for every 8/fS time period. When PMUL
and PMUR are set to 0, the digital data is changed from the mute level to the current attenuation level by a 1-dB
step for every 8/fS time period. In the PCM3793A/94A, audible zipper noise can be reduced by selecting
zero-cross detection (register 86, ZCRS).
RMUL, RMUR = 0
Mute disabled
RMUL, RMUR = 1
Mute enabled (default)
DSMC: Waiting Time for ADC Mute Off at Power Up
Default value: 0
The ADC digital output has an optional delay after power up when DSMC = 0. It is recommended to set
DSMC = 0.
DSMC = 0
10 ms at 48 kHz (default)
DSMC = 1
No delay
RFM[1:0]: Audio Interface Selection for ADC (Digital Output)
Default value: 00
The audio interface for the ADC digital input supports I2S, right-justified, left-justified, and DSP formats.
RFM [1:0]
Audio Interface Selection for ADC Digital Output
0 0
I2S format (default)
0 1
Right-justified format
1 0
Left-justified format
1 1
DSP format
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com