công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3794A bảng dữ liệu(PDF) 56 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện PCM3794A
Giải thích chi tiết về linh kiện  16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3794A bảng dữ liệu(HTML) 56 Page - Burr-Brown (TI)

Back Button PCM3794A Datasheet HTML 52Page - Burr-Brown (TI) PCM3794A Datasheet HTML 53Page - Burr-Brown (TI) PCM3794A Datasheet HTML 54Page - Burr-Brown (TI) PCM3794A Datasheet HTML 55Page - Burr-Brown (TI) PCM3794A Datasheet HTML 56Page - Burr-Brown (TI) PCM3794A Datasheet HTML 57Page - Burr-Brown (TI) PCM3794A Datasheet HTML 58Page - Burr-Brown (TI) PCM3794A Datasheet HTML 59Page - Burr-Brown (TI) PCM3794A Datasheet HTML 60Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
www.ti.com
PCM3793A
PCM3794A
SLAS529A – JANUARY 2007 – REVISED FEBRUARY 2007
Register 95
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 95
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
SDAS
3DEN
RSV
3FL0
3DP3
3DP2
3DP1
3DP0
IDX[6:0]: 101 1111b (5Fh): Register 95
SDAS: Source Select for Sound Effect (Tone Control, 3-D Sound, Notch Filter, Mono Mix)
Default value: 0
The PCM3793A/94A includes sound effect circuits (tone control, 3-D sound, notch filter, mono mix) which can be
used to filter either the digital input to the DAC or the digital output from the ADC. This bit selects the signal
source of the sound effect circuit.
SDAS = 0
DAC digital input (default)
SDAS = 1
ADC digital output
3DEN: 3-D Sound Effect Enable
Default value: 0
This bit is used for enabling the 3-D sound effect filter. This filter has two independently controlled parameters.
3DEN = 0
Disable (default)
3DEN = 1
Enable
3FL0: Filter Selection for 3-D Sound
Default value: 0
This bit is used for selecting from two types of filter, narrow and wide. These filters have a different 3-D
performance effect.
3FL0 = 0
Narrow (default)
3FL0 = 1
Wide
3DP[3:0]: Efficiency for 3-D Sound Effects
Default value: 0000
These bits are used for adjusting the 3-D sound efficiency. Higher percentages have greater efficiency.
3DP[3:0]
3D Sound Effect Efficiency
0 0 0 0
0% (default)
0 0 0 1
10%
0 0 1 0
20%
0 0 1 1
30%
0 1 0 0
40%
0 1 0 1
50%
0 1 1 0
60%
0 1 1 1
70%
1 0 0 0
80%
1 0 0 1
90%
1 0 1 0
100%
1 0 1 1
Reserved
:
:
1 1 1 1
Reserved
56
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com