| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSS461C bảng dữ liệu(PDF) 44 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS461C bảng dữ liệu(HTML) 44 Page - ATMEL Corporation |
|
44 / 57 page ![]() 44 TSS461C 4193G–AUTO–12/04 Priority Among the Different Channels The priority handling on the VAN bus is already explained in the Line Interface section. The priorities for the messages in the TSS461C is, however, slightly different. For instance, it's possible that an identifier matches two or more of the identifiers pro- grammed into the registers. In this case, it is the lowest identifier number that has priority. i.e., if both identifier 5 and 10 match the identifier received, it is the identifier 5 that will receive the message. However, since the identifier 5 will become an inactive message when it has received the frame, the next time the same identifier is seen on the bus, the corresponding data will be received by identifier 10. The same is valid for messages to be transmitted, i.e., if two or more messages are ready to be transmitted, it is the one with the lowest identifier number that will get priority. |