công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA406_0607 bảng dữ liệu(PDF) 25 Page - ATMEL Corporation

tên linh kiện ATMEGA406_0607
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 bảng dữ liệu(HTML) 25 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 21Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 22Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 23Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 24Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 25Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 26Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 27Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 28Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 263 page
background image
25
2548E–AVR–07/06
ATmega406
7.
System Clock and Clock Options
7.1
Clock Systems and their Distribution
Figure 7-1 presents the principal clock systems in the AVR and their distribution. All of the clocks
need not be active at a given time. In order to reduce power consumption, the clocks to modules
not being used can be halted by using different sleep modes, as described in ”Power Manage-
ment and Sleep Modes” on page 31. The clock systems are detailed below.
Figure 7-1.
Clock Distribution
7.1.1
CPU Clock – clk
CPU
The CPU clock is routed to parts of the system concerned with operation of the AVR core.
Examples of such modules are the General Purpose Register File, the Status Register and the
data memory holding the Stack Pointer. Halting the CPU clock inhibits the core from performing
general operations and calculations.
7.1.2
TWI Clock - clk
TWI
The TWI module is provided with a dedicated clock domain. This is because the TWI module
requires a 4 MHz clock to achieve the specified Data Transfer Speed. It also allows power
reduction by halting the clk
TWI clock when TWI communication is not used. Note that address
match detection in the TWI module is carried out asynchronously when clk
TWI is halted, enabling
TWI address watch detection in all sleep modes except Power-off.
7.1.3
I/O Clock – clk
I/O
The I/O clock is used by the majority of the I/O modules. The I/O clock is also used by the Exter-
nal Interrupt module, but note that some external interrupts are detected by asynchronous logic,
allowing such interrupts to be detected even if the I/O clock is halted.
7.1.4
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
Ultra Low Power
RC Oscillator
Watchdog Timer
Battery Protection
& FET Control
Reset Logic
CPU
CORE
RAM
FLASH and
EEPROM
Voltage
ADC
Other I/O
Modules
Coulomb Counter
ADC
Wake-up
Timer
1/4
AVR
Clock Control
AVR
Clock Control
Slow RC
Oscillator
Fast RC
Oscillator
clk
CPU
clk
FLASH
clk
VADC
clk
I/O
clk
CCADC
clk
WUT
AVR
Clock Control
TWI
1/4
Sync
Delay
clk
TWI
32 kHz Crystal
Oscillator
Run-Time
Selection
Clock
Multiplexer
1
0
TWI Disconnect
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More