| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA406_0607 bảng dữ liệu(PDF) 18 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA406_0607 bảng dữ liệu(HTML) 18 Page - ATMEL Corporation |
|
18 / 263 page ![]() 18 2548E–AVR–07/06 ATmega406 6.2.1 Data Memory Access Times This section describes the general access timing concepts for internal memory access. The internal data SRAM access is performed in two clk CPU cycles as described in Figure 6-3. Figure 6-3. On-chip Data SRAM Access Cycles 6.3 EEPROM Data Memory The ATmega406 contains 512 bytes of data EEPROM memory. It is organized as a separate data space, in which single bytes can be read and written. The EEPROM has an endurance of at least 100,000 write/erase cycles. The access between the EEPROM and the CPU is described in the following, specifying the EEPROM Address Registers, the EEPROM Data Register, and the EEPROM Control Register. For a detailed description of Serial and Parallel data downloading to the EEPROM, see page 211 and page 199 respectively. 6.3.1 EEPROM Read/Write Access The EEPROM Access Registers are accessible in the I/O space. The write access time for the EEPROM is given in Table 6-1. A self-timing function, however, lets the user software detect when the next byte can be written. If the user code contains instruc- tions that write the EEPROM, some precautions must be taken. In order to prevent unintentional EEPROM writes, a specific write procedure must be followed. Refer to the description of the EEPROM Control Register for details on this. When the EEPROM is read, the CPU is halted for four clock cycles before the next instruction is executed. When the EEPROM is written, the CPU is halted for two clock cycles before the next instruction is executed. clk WR RD Data Data Address Address valid T1 T2 T3 Compute Address CPU Memory Access Instruction Next Instruction |