công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA406_0607 bảng dữ liệu(PDF) 70 Page - ATMEL Corporation

tên linh kiện ATMEGA406_0607
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 bảng dữ liệu(HTML) 70 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 66Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 67Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 68Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 69Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 70Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 71Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 72Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 73Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 263 page
background image
70
2548E–AVR–07/06
ATmega406
13.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 13-6.
The alternate pin configuration is as follows:
• OC0B/PCINT15 – Port B, Bit 7
OC0B, Output Compare Match B output: The PB7 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB7 set (one)) to
serve this function. The OC0B pin is also the output pin for the PWM mode timer function.
PCINT15, Pin Change Interrupt Source 15. The PB7 pin can serve as external interrupt source
to the MCU.
• OC0A/PCINT14 – Port B, Bit 6
OC0A, Output Compare Match A output: The PB6 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB6 set (one)) to
serve this function. The OC0A pin is also the output pin for the PWM mode timer function.
PCINT14, Pin Change Interrupt Source 14. The PB6 pin can serve as external interrupt source
to the MCU.
• PCINT13:12 – Port B, Bit 5:4
PCINT13 - PCINT12, Pin Change Interrupt Source 13:12. The PB5:4 pinS can serve as external
interrupt sources to the MCU.
• TCK/PCINT11 – Port B, Bit 3
TCK, JTAG Test Clock: JTAG operation is synchronous to TCK. When the JTAG Interface is
enabled, this pin can not be used as an I/O pin.
PCINT11, Pin Change Interrupt Source 11. The PB3 pin can serve as external interrupt source
to the MCU.
Table 13-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
OC0B (Output Compare and PWM Output B for Timer/Counter0)
PCINT15 (Pin Change Interrupt 15)
PB6
OC0A (Output Compare and PWM Output A for Timer/Counter0)
PCINT14 (Pin Change Interrupt 14)
PB5
PCINT13 (Pin Change Interrupt 13)
PB4
PCINT12 (Pin Change Interrupt 12)
PB3
TCK (JTAG Test Clock)
PCINT11 (Pin Change Interrupt 11)
PB2
TMS (JTAG Test Mode Select)
PCINT10 (Pin Change Interrupt 10)
PB1
TDI (JTAG Test Data Input/)
PCINT9 (Pin Change Interrupt 9)
PB0
TDO (JTAG Test Data Output)
PCINT8 (Pin Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com