công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA406_0607 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện ATMEGA406_0607
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 4Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 5Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 6Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 7Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 8Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 9Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 10Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 11Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 263 page
background image
8
2548E–AVR–07/06
ATmega406
5.
AVR CPU Core
5.1
Introduction
This section discusses the AVR core architecture in general. The main function of the CPU core
is to ensure correct program execution. The CPU must therefore be able to access memories,
perform calculations, control peripherals, and handle interrupts.
5.2
Architectural Overview
Figure 5-1.
Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with
separate memories and buses for program and data. Instructions in the program memory are
executed with a single level pipelining. While one instruction is being executed, the next instruc-
tion is pre-fetched from the program memory. This concept enables instructions to be executed
in every clock cycle. The program memory is In-System Reprogrammable Flash memory.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
Watchdog
Timer
I/O Module 2
I/O Module1
I/O Module n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More