công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960GEFL/V bảng dữ liệu(PDF) 75 Page - Wolfson Microelectronics plc

tên linh kiện WM8960GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V bảng dữ liệu(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
75
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
LOUT1
0
LOUT1 Output Buffer
0 = Power down
1 = Power up
Power
Management
5
ROUT1
0
ROUT1 Output Buffer
0 = Power down
1 = Power up
Power
Management
4
SPKL
0
SPK_LP/SPK_LN Output Buffers
0 = Power down
1 = Power up
Power
Management
3
SPKR
0
SPK_RP/SPK_RN Output Buffers
0 = Power down
1 = Power up
Power
Management
2
0
Reserved
1
OUT3
0
OUT3 Output Buffer
0 = Power down
1 = Power up
Power
Management
0
PLL_EN
0
PLL Enable
0 = Power down
1 = Power up
Power
Management
8:7
00
Reserved
6
VROI
0
VREF to Analogue Output Resistance (Disabled
Outputs)
0 = 500
Ω VMID to output
1 = 20k
Ω VMID to output
Enabling the
Outputs
5
0
Reserved
4
0
Reserved
3
OUT3CAP
0
Capless Mode Headphone Switch Enable
0 = OUT3 unaffected by jack detect events
1 = OUT3 enabled and disabled together with
HP_L and HP_R in response to jack detect
events
Headphone
Jack Detect
R27 (1Bh)
Additional
Control (3)
2:0
ADC_ALC_SR
000
ALC Sample Rate
000 = 44.1k / 48k
001 = 32k
010 = 22.05k / 24k
011 = 16k
100 = 11.25k / 12k
101 = 8k
110 and 111 = Reserved
Automatic Level
Control
8
0
Reserved
7
POBCTRL
0
Selects the bias current source for output
amplifiers and VMID buffer
0 = VMID / R bias
1 = VGS / R bias
6:5
00
Reserved
4
BUFDCOPEN
0
Enables the VGS / R current generator
0 = Disabled
1 = Enabled
3
BUFIOEN
0
Enables the VGS / R current generator and the
analogue input and output bias
0 = Disabled
1 = Enabled
R28 (1Ch)
Anti-Pop 1
2
SOFT_ST
0
Enables VMID soft start
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com