công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960GEFL/V bảng dữ liệu(PDF) 48 Page - Wolfson Microelectronics plc

tên linh kiện WM8960GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V bảng dữ liệu(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
48
BCLK DIVIDE
The BCLK frequency in master mode is controlled by BCLKDIV[3:0]. When the ADCs and DACs are
operating at different sample rates, BCLKDIV must be set appropriately to support the data rate of
whichever is the faster.
Internal clock divide and phase control mechanisms ensure that the BCLK, ADCLRC and DACLRC
edges will occur in a predictable and repeatable position relative to each other and to the data for a
given combination of DAC sample rate, ADC sample rate and BCLKDIV settings.
See Clocking and Sample Rates section for more information.
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition.
Figure 26 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRCLK
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each LRCLK transition.
Figure 27 Right Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com