công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960GEFL/V bảng dữ liệu(PDF) 45 Page - Wolfson Microelectronics plc

tên linh kiện WM8960GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V bảng dữ liệu(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional
Control (3)
3
OUT3CAP
0
Capless Mode Headphone Switch
Enable
0 = OUT3 unaffected by jack detect
events
1 = OUT3 enabled and disabled together
with HP_L and HP_R in response to jack
detect events
R48 (30h)
Additional
Control (4)
3:2
HPSEL[1:0]
00
Headphone Switch Input Select
0X = GPIO1 used for jack detect input
(Requires ADCLRC pin to be configured
as a GPIO)
10 = JD2 used for jack detect input
11 = JD3 used for jack detect input
0
TOEN
0
Slow Clock Enable (Must be enabled for
jack detect de-bounce)
0 = Slow Clock Disabled
1 = Slow Clock Enabled
R23 (17h)
Additional
Control (1)
1
TOCLKSEL
0
Slow Clock Selection (Used for volume
update timeouts and for jack detect
debounce)
0 = SYSCLK / 2
21 (Slower Response)
1 = SYSCLK / 2
19 (Faster Response)
Table 30 Headphone Jack Detect
Figure 20 Example Headset Detection Circuit Using Normally-Open Switch
Figure 21 Example Headset Detection Circuit Using Normally-Closed Switch
THERMAL SHUTDOWN
The speaker and headphone outputs can drive very large currents. To protect the WM8960 from
overheating a thermal shutdown circuit is included and is enabled by default. If the device
temperature reaches approximately 150
0C and the thermal shutdown circuit is enabled (TSDEN = 1;
TSENSEN = 1) the speaker and headphone amplifiers (HP_L, HP_R, SPK_LP, SPK_LN, SPK_RP,
SPK_RN and OUT3) will be disabled. This feature can be disabled to save power when the device is
in standby mode.
TSENSEN must be set to 1 to enable the temperature sensor when using the TSDEN thermal
shutdown function. The output of the temperature sensor can also be output to the GPIO1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com