công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960GEFL/V bảng dữ liệu(PDF) 62 Page - Wolfson Microelectronics plc

tên linh kiện WM8960GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V bảng dữ liệu(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
62
CONTROL INTERFACE
2-WIRE SERIAL CONTROL INTERFACE
The WM8960 is controlled by writing to registers through a 2-wire serial control interface. A control
word consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register
is accessed. The remaining 9 bits (B8 to B0) are data bits, corresponding to the 9 bits in each control
register. Many devices can be controlled by the same bus, and each device has a unique 7-bit
address (this is not the same as the 7-bit address of each register in the WM8960).
The device address is 0011010 (0x34h).
The WM8960 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDIN while SCLK remains high. This indicates that a device address and
data will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight
bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address received matches the
address of the WM8960 and the R/W bit is ‘0’, indicating a write, then the WM8960 responds by
pulling SDIN low on the next clock pulse (ACK). If the address is not recognised or the R/W bit is ‘1’,
the WM8960 returns to the idle condition and wait for a new start condition and valid address.
Once the WM8960 has acknowledged a correct address, the controller sends the first byte of control
data (B15 to B8, i.e. the WM8960 register address plus the first bit of register data). The WM8960
then acknowledges the first data byte by pulling SDIN low for one clock pulse. The controller then
sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register data), and the
WM8960 acknowledges again by pulling SDIN low.
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
After receiving a complete address and data sequence the WM8960 returns to the idle state and
waits for another start condition. If a start or stop condition is detected out of sequence at any point
during data transfer (i.e. SDIN changes while SCLK is high), the device jumps to the idle condition.
SDIN
SCLK
register address and
1st register data bit
DEVICE ADDRESS
(7 BITS)
RD / WR
BIT
ACK
(LOW)
CONTROL BYTE 1
(BITS 15 TO 8)
CONTROL BYTE 2
(BITS 7 TO 0)
remaining 8 bits of
register data
STOP
START
ACK
(LOW)
ACK
(LOW)
Figure 37 2-Wire Serial Control Interface
POWER MANAGEMENT
The WM8960 has three control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid any pop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information).
VMIDSEL is the enable for the Vmid reference, which defaults to disabled and can be enabled as a
2x50k
Ω potential divider or, for low power maintenance of Vref when all other blocks are disabled, as
a 2x250k
Ω potential divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com