công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960GEFL/V bảng dữ liệu(PDF) 55 Page - Wolfson Microelectronics plc

tên linh kiện WM8960GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V bảng dữ liệu(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
55
LOOPBACK
Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data from
the ADC audio interface is fed directly into the DAC data input.
The ADCs and DACs must both use DACLRC when loopback is enabled. This is enabled by setting
register bit ALRCGPIO = 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
Audio
Interface
0
LOOPBACK
0
Digital Loopback Function
0 = No loopback.
1 = Loopback enabled, ADC data output
is fed directly into DAC data input.
Table 38 Loopback Control
CLOCKING AND SAMPLE RATES
Figure 36 Clocking Scheme
Clocks for the ADCs and DACs, the DSP core functions, the digital audio interface and the class D
outputs are all derived from SYSCLK as show in Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com