công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960GEFL/V bảng dữ liệu(PDF) 47 Page - Wolfson Microelectronics plc

tên linh kiện WM8960GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V bảng dữ liệu(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
47
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8960 and outputting ADC data
from it. It uses five pins:
•
ADCDAT: ADC data output
•
ADCLRC: ADC data alignment clock
•
DACDAT: DAC data input
•
DACLRC: DAC data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK, ADCLRC and DACLRC can be outputs when the WM8960 operates as a
master, or inputs when it is a slave (see Master and Slave Mode Operation, below).
ADCLRC can also be configured as a GPIO pin. In this case, the ADC will use DACLRC as a frame
clock. The ADCLRC/GPIO1 pin function should not be modified while the ADC is enabled.
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8960 can be configured as either a master or slave mode device. As a master device the
WM8960 generates BCLK, ADCLRC and DACLRC and thus controls sequencing of the data transfer
on ADCDAT and DACDAT. In slave mode, the WM8960 responds with data to clocks it receives over
the digital audio interface. The mode can be selected by writing to the MS bit. Master and slave
modes are illustrated below.
Figure 22 Master Mode
Figure 23 Slave Mode
OPERATION WITH ADCLRC AS GPIO
When ALRCGPIO=1, the DACLRC pin is used as a frame clock for ADCs and DACs as shown
below. The ADCs and DACs must operate at the same sample rate in this mode. See Table 32 for
details of GPIO pin configuration.
Figure 24 Master Mode with ADCLRC as GPIO
Figure 25 Slave Mode with ADCLRC as GPIO
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8960
CODEC
DSP
ENCODER/
DECODER
Note: The ADC and DAC can run at different sample rates
BCLK
ADCDAT
ADCLRC
DACDAT
DACLRC
WM8960
CODEC
DSP
ENCODER/
DECODER
Note: The ADC and DAC can run at different sample rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com