công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8541XMV-05 bảng dữ liệu(PDF) 89 Page - Microchip Technology

tên linh kiện VSC8541XMV-05
Giải thích chi tiết về linh kiện  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 bảng dữ liệu(HTML) 89 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 85Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 86Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 87Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 88Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 89Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 90Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 91Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 92Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
Pin Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
80
Figure 35 •
Pin Diagram
6.3
Pins by Function
This section contains the functional pin descriptions for the VSC8541-02 device. All power supply pins
must be connected to their respective voltage input, even if certain functions are not used for a specific
application. No power supply sequencing is required. However, clock and power must be stable before
releasing Reset. The SMI pins are referenced to VDDMDIO.
Pin 1
corner
68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
REF_REXT
1
51 MDINT
VDD25A
2
50 MDIO
P0_D3N
3
49 VDDMDIO
P0_D3P
4
48 MDC
VDD1A
5
47 TXD7
P0_D2N
6
46 TXD6
P0_D2P
7
45 TXD5
VDD25A
8
44 VDDMAC
P0_D1N
9
Exposed pad
43 TXD4
P0_D1P 10
42 TXD3
VDD25A 11
41 TXD2
P0_D0N 12
40 TXD1
P0_D0P 13
39 VDDMAC
VDD1A 14
38 TXD0
THERMDA 15
37 GTX_CLK
THERMDC_VSS 16
36 MII_TXCLK
VDD1 17
35 TX_ER
18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More