công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8ULPIEC bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện IMX8ULPIEC
Giải thích chi tiết về linh kiện  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 5Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 6Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 7Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 8Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 9Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 10Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 11Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 12Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
1 i.MX 8ULP modules list
The i.MX 8ULP applications processor contains a variety of digital and analog modules.
In the Domain column in this table:
• APD = Application Power or A35 Domain (primarily controlled by the Cortex-A35 core)
• RTD = Real-Time or M33 Domain (primarily controlled by the Cortex-M33 core)
• LPAVD/Flex = Low Power Audio Video domain
• DSPD: DSP Processor Domain
Module
Domain
Description
Memories and memory controllers
SRAM1
LPAVD
An AXI RAM Controller (RAMC), which acts as an interface between
the AXI bus and RAM, is used on each SRAM connected to the NIC
crossbar.
SSRAM
RTD
768KB of System Memory shared between M33, Fusion and other
Masters. SSRAM is divided into multiple partitions. System software
will determine how each partition is utilized and CPU/Master controlling
that partition. Fusion and M33 accesses these partition via dedicated
tightly couple memory buses (TCM), with zero wait-state. There is also
backdoor port that allows M33 DMA and other bus masters in the SoC
to access this memory.
XCACHE
RTD
The AHB Cache Controller (CAC) is a processor-local Level 1 (L1)
bus cache controller for use with cores using AMBA-AHB input/output
buses. It is optimized for minimum RunIDD (dynamic power).
LPDDR4C
APD, LPAVD
The LPDDR Controller is a configurable DDR controller that provides
interface to 32-bit LPDDR3, LPDDR4 and LPDDR4x memories. It
supports up to 2 GB DDR memory space. The LDDR4C includes
a DFI interface to work with PHY. The controller is responsible for
communication with the system through AXI interface, DDR commands
generation, DDR command optimizations, and read/ write data
path. The PHY performs timing adjustment using special calibration
mechanisms to ensure data capture margin at the supported clock
rate.
FlexSPI0-2
APD, RTD
The Flexible Serial Peripheral Interface (FlexSPI) module provides an
interface to various types of serial flash memory. The QSPI interface
allows up to two serial flash connections. It supports 1-bit, 4-bit and
8-bit SPI bus width.
uSDHC0-2
APD
The ultra Secure Digital Host Controller (uSDHC) provides the
interface between the host system and SD, SDIO or eMMC cards. The
uSDHC acts as a bridge, passing host bus transactions to the cards
by sending commands and performing data accesses to/from the cards
or devices. It handles SD, SDIO and eMMC protocol at transmission
level.
DMA, Bus Fabric and Gaskets
Table continues on the next page...
NXP Semiconductors
i.MX 8ULP modules list
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
9 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com