công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ARM720T bảng dữ liệu(PDF) 43 Page - List of Unclassifed Manufacturers

tên linh kiện ARM720T
Giải thích chi tiết về linh kiện  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T bảng dữ liệu(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 39Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 40Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 41Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 42Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 43Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 44Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 45Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 46Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 242 page
background image
Programmer’s Model
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
2-7
2.5
Operating modes
The ARM720T supports seven modes of operation as listed in Table 2-1.
Changing modes
Mode changes can be made under software control, by external interrupts or during
exception processing. Most application programs execute in User mode. The non-User
modes, known as privileged modes, are entered in order to service interrupts or
exceptions, or to access protected resources.
Table 2-1 ARM720T modes of operation
Mode
Type
Description
User
usr
The normal ARM program execution state
FIQ
fiq
Designed to support a data transfer or channel process
IRQ
irq
Used for general-purpose interrupt handling
Supervisor
svc
Protected mode for the operating system
Abort mode
abt
Entered after a Data Abort or instruction Prefetch Abort
System
sys
A privileged User mode for the operating system
Undefined
und
Entered when an Undefined Instruction is executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More