công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS601IPW bảng dữ liệu(PDF) 16 Page - NXP Semiconductors

tên linh kiện SC18IS601IPW
Giải thích chi tiết về linh kiện  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW bảng dữ liệu(HTML) 16 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 12Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 13Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 14Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 15Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 16Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 17Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 18Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 19Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
16 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
6.6.9 Power-down mode
The SC18IS600/601 can be placed in a low-power mode where the internal oscillator is
stopped and it will no longer respond to SPI messages. Enter the Power-down mode by
sending the power-down command (0x30) followed by the two defined bytes, which are
0x5A followed by 0xA5. If the exact message is not received, the device will not enter the
power-down state.
Before entering the power-down state, WAKEUP/IO4 should be placed in a HIGH state.
To exit the power-down state, the WAKEUP/IO4 should be brought LOW. After leaving the
power-down state, the WAKEUP/IO4 can once again be used as a general-purpose IO
pin.
7.
Limiting values
[1]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
[2]
Parameters are valid over the operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[3]
Based on package heat transfer, not device power consumption.
Fig 20. Power-down mode
002aab725
0x30
COMMAND
SPI host sends
0x5A
CS
SCLK
MOSI
character 0xA5
character 0x5A
character 0x30
0xA5
Table 10.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1][2]
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
bias ambient temperature
operating
−55
+125
°C
Tstg
storage temperature
−65
+150
°C
Vn
voltage on any other pin
referenced to VSS
−0.5
+5.5
V
IOH(I/O)
HIGH-state output current per input/output pin
-
8
mA
IOL(I/O)
LOW-state output current per input/output pin
-
20
mA
II/O(tot)(max)
maximum total I/O current
-
120
mA
Ptot/pack
total power dissipation per package
[3] -
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com