công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS601IPW bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện SC18IS601IPW
Giải thích chi tiết về linh kiện  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 6Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 9Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 11Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 12Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 13Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
10 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
6.2.6 I2C-bus status register (I2CStat)
This register reports the results of I2C-bus transmit and receive transaction between
SC18IS600/601 and an I2C-bus slave device.
Table 8.
I2C-bus status
Register
value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2C-bus status description
0xF0
11110000Transmission successful. The SC18IS600/601
has successfully completed and I2C-bus read or
write transaction. An interrupt is generated on
INT. This is also the default status after reset. No
interrupt is generated after reset.
0xF1
11110001I2C-bus device address not acknowledged. No
I2C-bus slave device has acknowledged the slave
address that has been sent out in an I2C-bus read
or write transaction. An interrupt is generated on
INT.
0xF2
11110010I2C-bus device address not acknowledged. An
I2C-bus slave has not acknowledged the byte that
has just been transmitted by the SC18IS600/601.
An interrupt is generated on INT.
0xF3
11110011I2C-bus busy. The SC18IS600/601 is busy
performing an I2C-bus transaction, no new
transaction should be initiated by the host. No
interrupt is generated.
0xF8
11111000I2C-bus time-out (see Section 6.2.5 “I2C-bus
time-out register (I2CTO)”). The SC18IS600/601
has started an I2C-bus transaction that has taken
longer than the time programmed in I2CTO
register. This could happen after a period of
unsuccessful arbitration or when an I2C-bus slave
is (continuously) pulling the SCL clock LOW. An
interrupt is generated on INT.)
0xF9
11111001I2C-bus invalid data count. The number of bytes
specified in a read or write command to the
SC18IS600/601. An interrupt is generated on INT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com